Part Number Hot Search : 
MC79L00A 5KP18 TSOP1533 133BZC SC160C AE10607 20A10 RL156G
Product Description
Full Text Search
 

To Download 1SMC51CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W NE
1SMC5.0CA THRU 1SMC170CA
vw
Central
DESCRIPTION
TM
Semiconductor Corp.
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
SMC CASE
The CENTRAL SEMICONDUCTOR 1SMC5.0CA Series types are Surface Mount Bi-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Uni-directional devices, please refer to the 1SMC5.0A Series data sheet.
y ed b ecif i Sp
STAND-OFF
VOLTAGE
MAXIMUM RATINGS (TA=25C ) SYMBOL Peak Power Dissipation Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature ELECTRICAL CHARACTERISTICS (TA=25C )
BREAKDOWN VOLTAGE REVERSE STAND-OFF MAXIMUM REVERSE MAXIMUM VOLTAGE @I PPM MAXIMUM MARKING CODE CURRENT CLAMPING PEAK PULSE
UNITS 1500 200 -65 to +150 W A C
PDM IFSM TJ,Tstg
TYPE NO.
VOLTAGE
VBR
VOLTS MIN 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 MAX 7.25 7.67 8.30 8.95 9.58 10.23 10.82 11.5 12.8 14.0 15.3 16.5
@IT
LEAKAGE
@VRWM VRWM
VOLTS 1SMC5.0CA 1SMC6.0CA 1SMC6.5CA 1SMC7.0CA 1SMC7.5CA 1SMC8.0CA 1SMC8.5CA 1SMC9.0CA 1SMC10CA 1SMC11CA 1SMC12CA 1SMC13CA 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 mA 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
IR mA
1000 1000 500 200 100 50 20 10 5.0 5.0 5.0 5.0
VC VOLTS
9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5
IPPM
A 163.0 145.6 133.9 125.0 116.3 110.3 104.2 97.4 88.2 82.4 75.3 69.7 CBDE CBDG CBDK CBDM CBDP CBDR CBDT CBDV CBDX CBDZ CBEE CBEG
78
BREAKDOWN VOLTAGE REVERSE STAND-OFF MAXIMUM REVERSE MAXIMUM VOLTAGE @I PPM MAXIMUM MARKING CODE CURRENT CLAMPING PEAK PULSE
TYPE NO.
VOLTAGE
VBR
VOLTS MIN 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 MAX 17.9 19.2 20.5 21.7 23.3 25.5 28.0 30.7 33.2 35.8 38.3 42.2 46.0 51.1 54.9 57.5 61.3 65.2 69.0 74.1 76.7 81.8 89.5 95.8 99.7 108.2 115.5 128.0 140.5 153.0 165.5 192.5 205.0 217.5
@IT
LEAKAGE @VRWM
VRWM
VOLTS 1SMC14CA 1SMC15CA 1SMC16CA 1SMC17CA 1SMC18CA 1SMC20CA 1SMC22CA 1SMC24CA 1SMC26CA 1SMC28CA 1SMC30CA 1SMC33CA 1SMC36CA 1SMC40CA 1SMC43CA 1SMC45CA 1SMC48CA 1SMC51CA 1SMC54CA 1SMC58CA 1SMC60CA 1SMC64CA 1SMC70CA 1SMC75CA 1SMC78CA 1SMC85CA 1SMC90CA 1SMC100CA 1SMC110CA 1SMC120CA 1SMC130CA 1SMC150CA 1SMC160CA 1SMC170CA 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
IR mA
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
VC
VOLTS 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275
IPPM
A 64.7 61.5 57.7 53.3 51.4 46.3 42.2 38.6 35.6 33.0 31.0 28.1 25.8 23.2 21.6 20.6 19.4 18.2 17.2 16.0 15.5 14.6 13.3 12.4 11.4 10.4 10.3 9.3 8.4 7.9 7.2 6.2 5.8 5.5 CBEK CBEM CBEP CBER CBET CBEV CBEX CBEZ CBFE CBFG CBFK CBFM CBFP CBFR CBFT CBFV CBFX CBFZ CBGE CBGG CBGK CBGM CBGP CBGR CBGT CBGV CBGX CBGZ CBHE CBHG CBHK CBHM CBHP CBHR
All Dimensions in Inches (mm).
TOP VIEW
R2
79


▲Up To Search▲   

 
Price & Availability of 1SMC51CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X